PART |
Description |
Maker |
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
HT23C010 23C010 |
From old datasheet system CMOS 128K x 8-Bit Mask ROM(CMOS 128K x 8位掩模式ROM) 的CMOS 128K的8位掩模ROM28K的的CMOS × 8位掩模式光盘 CMOS 128K 8-Bit Mask ROM CMOS 128K? 8-Bit Mask ROM CMOS 128K′ 8-Bit Mask ROM
|
Holtek Semiconductor, Inc. HOLTEK[Holtek Semiconductor Inc]
|
MX29F001TTC-90 MX29F001TTC-70 MX29F001TTC-12 MX29F |
1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDSO32 x8 Flash EEPROM x8闪存EEPROM
|
Macronix International Co., Ltd.
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
IS61C1024AL-12KI IS61C1024AL-12TLI IS61C1024AL-12K |
128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
25C256 CAT25C256 25C128 CAT25C128 CAT25C256S16-1.8 |
256K SPI serial CMOS EEPROM 1.8-6.0V 128K SPI serial CMOS EEPROM 2.5-6.0V SPI Serial EEPROM SPI串行EEPROM 128K/256K-BitSPISerialCMOSE2PROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64KK的8电池电压的CMOS E2PROM 128K SPI serial CMOS EEPROM 1.8-6.0V 256K SPI serial CMOS EEPROM 2.5-6.0V 128K/256K-Bit SPI Serial CMOS E2PROM
|
http:// STMicroelectronics N.V. Semtech, Corp. Abracon, Corp. CatalystSemiconductor CATALYST[Catalyst Semiconductor]
|
IS63LV1024-8KL IS63LV1024L-10HL IS63LV1024L-10KLI |
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Integrated Silicon Solution, Inc.
|
TP28F010-90 TE28F010-150 |
28F010 1024K (128K X 8) CMOS FLASH MEMORY 128K X 8 FLASH 12V PROM, 90 ns, PDIP32 28F010 1024K (128K X 8) CMOS FLASH MEMORY 128K X 8 FLASH 12V PROM, 150 ns, PDSO32
|
Intel, Corp.
|
MX26C1000BTC-10 MX26C1000BMC-10 MX26C1000BPC-10 MX |
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:12A; Leaded Process Compatible:Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-On; Contact Current Max:12A; Leaded Process Compatible:Yes 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Macronix International Co., Ltd.
|
IS61LV12816L-8T IS61LV12816L-10BLI IS61LV12816L-10 |
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 10 ns, PQFP44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 8 ns, PBGA48 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 8 ns, PDSO44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
LP62S1024BM-55LLT LP62S1024BM-70LLT LP62S1024B-T L |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMICC[AMIC Technology]
|